Part Number Hot Search : 
HT67F40 KBJ1004 FDMS3500 HMC451 STS150 TDA6405 MM1ZB15H ANSR2N7
Product Description
Full Text Search
 

To Download MC74HC174A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
    semiconductor technical data 1 rev 6 ? motorola, inc. 1995 10/95
#    "      "     !  highperformance silicongate cmos the mc74hct174a is identical in pinout to the ls174. this device may be used as a level converter for interfacing ttl or nmos outputs to high speed cmos inputs. this device consists of six d flipflops with common clock and reset inputs. each flipflop is loaded with a lowtohigh transition of the clock input. reset is asynchronous and activelow. ? output drive capability: 10 lsttl loads ? ttl nmos compatible input levels ? outputs directly interface to cmos, nmos and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0 m a ? in compliance with the requirements defined by jedec standard no. 7a ? chip complexity: 178 fets or 44.5 equivalent gates logic diagram pin 16 = v cc pin 8 = gnd 3 4 6 11 13 14 2 5 7 10 12 15 d0 d1 d2 d3 d4 d5 q0 q1 q2 q3 q4 q5 clock 9 reset 1 data inputs noninverting outputs ????????? ????????? ????????? ????????? ????????? design criteria ??? ??? ??? ??? ??? value ??? ??? ??? ??? ??? units ????????? ????????? ????????? ????????? internal gate count* ??? ??? ??? ??? 44.5 ??? ??? ??? ??? ea. ????????? ????????? ????????? ????????? internal gate propagation delay ??? ??? ??? ??? 1.5 ??? ??? ??? ??? ns ????????? ????????? ????????? ????????? internal gate power dissipation ??? ??? ??? ??? 0.005 ??? ??? ??? ??? m w ????????? ????????? ????????? ????????? ????????? speed power product ??? ??? ??? ??? ??? 0.0075 ??? ??? ??? ??? ??? pj * equivalent to a twoinput nand gate. 
 pin assignment function table 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 q4 d4 d5 q5 v cc clock q3 d3 d1 d0 q0 reset gnd q2 d2 q1 inputs output reset clock d q l x x l h h h h l l h l x no change h x no change d suffix soic package case 751b05 n suffix plastic package case 64808 1 16 1 16 ordering information mc74hcxxxan mc74hcxxxad plastic soic
mc74hct174a motorola highspeed cmos logic data dl129 e rev 6 2 ??????????????????????? ??????????????????????? ??????????????????????? ??????????????????????? maximum ratings* ??? ??? ??? ??? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ?????? ?????? ?????? ?????? value ??? ??? ??? ??? unit ??? ??? ??? ??? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to + 7.0 ??? ??? ??? ??? v ??? ??? ??? ??? v in ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage (referenced to gnd) ?????? ?????? ?????? ?????? 1.5 to v cc + 1.5 ??? ??? ??? ??? v ??? ??? ??? ??? v out ?????????????? ?????????????? ?????????????? ?????????????? dc output voltage (referenced to gnd) ?????? ?????? ?????? ?????? 0.5 to v cc + 0.5 ??? ??? ??? ??? v ??? ??? ??? ??? i in ?????????????? ?????????????? ?????????????? ?????????????? dc input current, per pin ?????? ?????? ?????? ?????? 20 ??? ??? ??? ??? ma ??? ??? ??? ??? i out ?????????????? ?????????????? ?????????????? ?????????????? dc output current, per pin ?????? ?????? ?????? ?????? 25 ??? ??? ??? ??? ma ??? ??? ??? ??? i cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply current, v cc and gnd pins ?????? ?????? ?????? ?????? 50 ??? ??? ??? ??? ma ??? ??? ??? ??? ??? p d ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? power dissipation in still air plastic dip2 soic package2 ?????? ?????? ?????? ?????? ?????? 750 500 ??? ??? ??? ??? ??? mw ??? ??? ??? ??? t stg ?????????????? ?????????????? ?????????????? ?????????????? storage temperature ?????? ?????? ?????? ?????? 65 to + 150 ??? ??? ??? ???  c ??? ??? ??? ??? ??? t l ?????????????? ?????????????? ?????????????? ?????????????? ?????????????? lead t emperature, 1 mm from case for 10 seconds (plastic dip or soic package) ?????? ?????? ?????? ?????? ?????? 260 ??? ??? ??? ??? ???  c * maximum ratings are those values beyond which damage to the device may occur . functional operation should be restricted to the recommended operating conditions. 2derating e plastic dip: 10 mw/  c from 65  to 125  c soic package: 7 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). recommended operating conditions ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? unit ???? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ?????????????? dc supply voltage (referenced to gnd) ??? ??? ??? ??? 4.5 ??? ??? ??? ??? 5.5 ??? ??? ??? ??? v ???? ???? ???? ???? v in , v out ?????????????? ?????????????? ?????????????? ?????????????? dc input voltage, output voltage (referenced to gnd) ??? ??? ??? ??? 0 ??? ??? ??? ??? v cc ??? ??? ??? ??? v ???? ???? ???? ???? t a ?????????????? ?????????????? ?????????????? ?????????????? operating temperature, all package types ??? ??? ??? ??? 55 ??? ??? ??? ??? + 125 ??? ??? ??? ???  c ???? ???? ???? ???? t r , t f ?????????????? ?????????????? ?????????????? ?????????????? input rise and fall time (figure 1) ??? ??? ??? ??? 0 ??? ??? ??? ??? 500 ??? ??? ??? ??? ns dc electrical characteristics (voltages referenced to gnd) ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? v cc v ????????? ????????? ????????? ????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? ???? symbol ????????? ????????? ????????? ????????? ????????? parameter ????????? ????????? ????????? ????????? ????????? test conditions ???? ???? ???? ???? ???? v cc v ??? ??? ??? ??? ??? 55 to 25  c ???? ???? ???? ???? ???? 85  c ???? ???? ???? ???? ???? 125  c ??? ??? ??? ??? ??? unit ???? ???? ???? ???? v ih ????????? ????????? ????????? ????????? minimum highlevel input voltage ????????? ????????? ????????? ????????? v out = 0.1 or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? 4.5 5.5 ??? ??? ??? ??? 2.0 2.0 ???? ???? ???? ???? 2.0 2.0 ???? ???? ???? ???? 2.0 2.0 ??? ??? ??? ??? v ???? ???? ???? ???? ???? v il ????????? ????????? ????????? ????????? ????????? maximum lowlevel input voltage ????????? ????????? ????????? ????????? ????????? v out = 0.1 or v cc 0.1 v |i out |  20 m a ???? ???? ???? ???? ???? 4.5 5.5 ??? ??? ??? ??? ??? 0.8 0.8 ???? ???? ???? ???? ???? 0.8 0.8 ???? ???? ???? ???? ???? 0.8 0.8 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? v oh ????????? ????????? ????????? ????????? ????????? minimum highlevel output voltage ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? 4.5 5.5 ??? ??? ??? ??? ??? 4.4 5.4 ???? ???? ???? ???? ???? 4.4 5.4 ???? ???? ???? ???? ???? 4.4 5.4 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  4.0 ma ???? ???? ???? ???? 4.5 ??? ??? ??? ??? 3.98 ???? ???? ???? ???? 3.84 ???? ???? ???? ???? 3.70 ??? ??? ??? ??? ???? ???? ???? ???? ???? v ol ????????? ????????? ????????? ????????? ????????? maximum lowlevel output voltage ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  20 m a ???? ???? ???? ???? ???? 4.5 5.5 ??? ??? ??? ??? ??? 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 ???? ???? ???? ???? ???? 0.1 0.1 ??? ??? ??? ??? ??? v ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? v in = v ih or v il |i out |  4.0 ma ???? ???? ???? ???? ???? 4.5 ??? ??? ??? ??? ??? 0.26 ???? ???? ???? ???? ???? 0.33 ???? ???? ???? ???? ???? 0.4 ??? ??? ??? ??? ??? ???? ???? ???? ???? i in ????????? ????????? ????????? ????????? maximum input leakage current ????????? ????????? ????????? ????????? v in = v cc or gnd ???? ???? ???? ???? 5.5 ??? ??? ??? ??? 0.1 ???? ???? ???? ???? 1.0 ???? ???? ???? ???? 1.0 ??? ??? ??? ??? m a ???? ???? ???? ???? i cc ????????? ????????? ????????? ????????? maximum quiescent supply current (per package) ????????? ????????? ????????? ????????? v in = v cc or gnd i out = 0 m a ???? ???? ???? ???? 5.5 ??? ??? ??? ??? 4.0 ???? ???? ???? ???? 40 ???? ???? ???? ???? 160 ??? ??? ??? ??? m a ???? ???? ???? ???? d i cc ????????? ????????? ????????? ????????? additional quiescent supply current ????????? ????????? ????????? ????????? v in = 2.4 v, any one input v in = v cc or gnd, other inputs l out = 0 m a ???? ???? ???? ???? 5.5 ????? ????? ????? ????? 55  c ????? ????? ????? ????? 25  c to 125  c ??? ??? ??? ??? ma ???? ???? ???? ???? ????????? ????????? ????????? ????????? current ????????? ????????? ????????? ????????? v in = v cc or gnd, other inputs l out = 0 m a ???? ???? ???? ???? 5.5 ????? ????? ????? ????? 2.9 ????? ????? ????? ????? 2.4 ??? ??? ??? ??? ma note: information on typical parametric values can be found in chapter 2 of the motorola highspeed cmos data book (dl129/d). this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however , precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this highimpedance cir - cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hct174a highspeed cmos logic data dl129 e rev 6 3 motorola ac electrical characteristics (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6.0 ns) ???? ???? ???? ???? symbol ??????????????????? ??????????????????? ??????????????????? ??????????????????? parameter ?????????? ?????????? ?????????? ?????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? ???? symbol ??????????????????? ??????????????????? ??????????????????? ??????????????????? ??????????????????? parameter ???? ???? ???? ???? ???? 55 to 25  c ???? ???? ???? ???? ????  85  c ???? ???? ???? ???? ????  125  c ??? ??? ??? ??? ??? unit ???? ???? ???? ???? f max ??????????????????? ??????????????????? ??????????????????? ??????????????????? maximum clock frequency (50% duty cycle) ???? ???? ???? ???? 30 ???? ???? ???? ???? 24 ???? ???? ???? ???? 20 ??? ??? ??? ??? mhz ???? ???? ???? ???? ???? t plh , t phl ??????????????????? ??????????????????? ??????????????????? ??????????????????? ??????????????????? maximum propagation delay, clock to q (figures 1 and 4) ???? ???? ???? ???? ???? 24 ???? ???? ???? ???? ???? 30 ???? ???? ???? ???? ???? 36 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t phl ??????????????????? ??????????????????? ??????????????????? ??????????????????? maximum propagation delay, reset to q (figures 2 and 4) ???? ???? ???? ???? 23 ???? ???? ???? ???? 28 ???? ???? ???? ???? 35 ??? ??? ??? ??? ns ???? ???? ???? ???? ???? t tlh , t thl ??????????????????? ??????????????????? ??????????????????? ??????????????????? ??????????????????? maximum output transition time, any output (figures 1 and 4) ???? ???? ???? ???? ???? 15 ???? ???? ???? ???? ???? 19 ???? ???? ???? ???? ???? 22 ??? ??? ??? ??? ??? ns ???? ???? ???? ???? c in ??????????????????? ??????????????????? ??????????????????? ??????????????????? maximum input capacitance ???? ???? ???? ???? 10 ???? ???? ???? ???? 10 ???? ???? ???? ???? 10 ??? ??? ??? ??? pf note: for propagation delays with loads other than 50 pf, and information on typical parametric values, see chapte r 2 o f the motorola high speed cmos data book (dl129/d). c pd power dissipation capacitance (per enabled output)* typical @ 25 c, v cc = 5.0 v pf c pd power dissipation capacitance (per enabled output)* 79 pf * used to determine the noload dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the motorola highspeed cmos data book (dl129/d). ????????????????????????????????? ????????????????????????????????? ????????????????????????????????? ????????????????????????????????? timing requirements (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6.0 ns) ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? fig. ????????????? ????????????? ????????????? ????????????? guaranteed limit ??? ??? ??? ??? unit ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? fig. ????? ????? ????? ????? 55 to 25  c ????? ????? ????? ?????  85  c ????? ????? ????? ?????  125  c ??? ??? ??? ??? unit ???? ???? ???? ???? symbol ?????????????? ?????????????? ?????????????? ?????????????? parameter ??? ??? ??? ??? fig. ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? min ??? ??? ??? ??? max ??? ??? ??? ??? unit ???? ???? ???? ???? t su ?????????????? ?????????????? ?????????????? ?????????????? minimum setup time, data to clock ??? ??? ??? ??? 3 ??? ??? ??? ??? 10 ??? ??? ??? ??? ??? ??? ??? ??? 13 ??? ??? ??? ??? ??? ??? ??? ??? 15 ??? ??? ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t h ?????????????? ?????????????? ?????????????? ?????????????? minimum hold time, clock to data ??? ??? ??? ??? 3 ??? ??? ??? ??? 5.0 ??? ??? ??? ??? ??? ??? ??? ??? 6.0 ??? ??? ??? ??? ??? ??? ??? ??? 8.0 ??? ??? ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t rec ?????????????? ?????????????? ?????????????? ?????????????? minimum recovery time, reset inactive to clock ??? ??? ??? ??? 2 ??? ??? ??? ??? 5.0 ??? ??? ??? ??? ??? ??? ??? ??? 6.0 ??? ??? ??? ??? ??? ??? ??? ??? 8.0 ??? ??? ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t w ?????????????? ?????????????? ?????????????? ?????????????? minimum pulse width, clock ??? ??? ??? ??? 1 ??? ??? ??? ??? 15 ??? ??? ??? ??? ??? ??? ??? ??? 19 ??? ??? ??? ??? ??? ??? ??? ??? 22 ??? ??? ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t w ?????????????? ?????????????? ?????????????? ?????????????? minimum pulse width, reset ??? ??? ??? ??? 2 ??? ??? ??? ??? 15 ??? ??? ??? ??? ??? ??? ??? ??? 19 ??? ??? ??? ??? ??? ??? ??? ??? 22 ??? ??? ??? ??? ??? ??? ??? ??? ns ???? ???? ???? ???? t r , t f ?????????????? ?????????????? ?????????????? ?????????????? maximum input rise and fall times ??? ??? ??? ??? 1 ??? ??? ??? ??? ??? ??? ??? ??? 500 ??? ??? ??? ??? ??? ??? ??? ??? 500 ??? ??? ??? ??? ??? ??? ??? ??? 500 ??? ??? ??? ??? ns
mc74hct174a motorola highspeed cmos logic data dl129 e rev 6 4 switching waveforms clock 9 d0 3 reset 1 d1 4 d2 6 d3 11 d4 13 d5 14 c q d r 2 5 7 10 12 15 q0 q1 q2 q3 q4 q5 expanded logic diagram 1.3 v 3.0 v gnd 3.0 v gnd 1.3 v clock q reset t phl figure 1. 1.3 v data clock 3.0 v 3.0 v gnd figure 2. valid gnd t su t h 1/f max clock q t r t f v cc gnd 2.7 v 1.3 v 0.3 v 90% 1.3 v 10% t plh t phl t tlh t thl t w * includes all probe and jig capacitance c l * test point device under test output figure 3. figure 4. test circuit c q d r c q d r c q d r c q d r c q d r t w t rec 1.3 v 1.3 v
mc74hct174a highspeed cmos logic data dl129 e rev 6 5 motorola outline dimensions n suffix plastic package case 64808 issue r min min max max inches millimeters dim a b c d f g h j k l m s 18.80 6.35 3.69 0.39 1.02 0.21 2.80 7.50 0 0.51 19.55 6.85 4.44 0.53 1.77 0.38 3.30 7.74 10 1.01 0.740 0.250 0.145 0.015 0.040 0.008 0.110 0.295 0 0.020 0.770 0.270 0.175 0.021 0.070 0.015 0.130 0.305 10 0.040 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. 2.54 bsc 1.27 bsc 0.100 bsc 0.050 bsc a b 1 8 9 16 f h g d 16 pl s c t seating plane k j m l t a 0.25 (0.010) m m 0.25 (0.010) t b a m s s min min max max millimeters inches dim a b c d f g j k m p r 9.80 3.80 1.35 0.35 0.40 0.19 0.10 0 5.80 0.25 10.00 4.00 1.75 0.49 1.25 0.25 0.25 7 6.20 0.50 0.386 0.150 0.054 0.014 0.016 0.008 0.004 0 0.229 0.010 0.393 0.157 0.068 0.019 0.049 0.009 0.009 7 0.244 0.019 1.27 bsc 0.050 bsc notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 1 8 9 16 a b d 16 pl k c g t seating plane r x 45 m j f p 8 pl 0.25 (0.010) b m m d suffix plastic soic package case 751b05 issue j how to reach us: usa/europe : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, toshikatsu otsuki, p.o. box 20912; phoenix, arizona 85036. 18004412447 6f seibubutsuryucenter, 3142 tatsumi kotoku, tokyo 135, japan. 0335218315 mfax : rmf ax0@email.sps.mot.com touchtone (602) 2446609 hong kong : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok road, tai po, n.t., hong kong. 85226629298 motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty , representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability , including without limitation consequential or incidental damages. at ypicalo parameters can and do vary in dif ferent applications. all operating parameters, including at ypicalso must be validated for each customer application by customer ' s technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur . should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly , any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/af firmative action employer . mc74hct174a/d 
   ? codeline


▲Up To Search▲   

 
Price & Availability of MC74HC174A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X